Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPM12 Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce STPM12
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM12 Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button STPM12 Datasheet HTML 30Page - STMicroelectronics STPM12 Datasheet HTML 31Page - STMicroelectronics STPM12 Datasheet HTML 32Page - STMicroelectronics STPM12 Datasheet HTML 33Page - STMicroelectronics STPM12 Datasheet HTML 34Page - STMicroelectronics STPM12 Datasheet HTML 35Page - STMicroelectronics STPM12 Datasheet HTML 36Page - STMicroelectronics STPM12 Datasheet HTML 37Page - STMicroelectronics STPM12 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
Energy calculation algorithm
STPM11, STPM12, STPM13, STPM14
34/46
Doc ID 13167 Rev 8
8
Energy calculation algorithm
Inside the STPM1x the computing section of the measured active power uses a completely
new patented signal process approach. This approach allows the device to reach high
performances in terms of accuracy.
The signals, coming from the sensors, for the instantaneous voltage is:
Equation 7
v(t) = V•sin
ωt; where V is the peak voltage and ω is related to the line frequency
and the instantaneous current is:
Equation 8
i(t) = I • sin (
ωt + ϕ); where I is the peak current, ω is related to the line frequency and ϕ is
the phase difference between voltage and current
Active power
Figure 22.
Active energy computation diagram
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46