Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPM11 Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce STPM11
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM11 Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button STPM11 Datasheet HTML 31Page - STMicroelectronics STPM11 Datasheet HTML 32Page - STMicroelectronics STPM11 Datasheet HTML 33Page - STMicroelectronics STPM11 Datasheet HTML 34Page - STMicroelectronics STPM11 Datasheet HTML 35Page - STMicroelectronics STPM11 Datasheet HTML 36Page - STMicroelectronics STPM11 Datasheet HTML 37Page - STMicroelectronics STPM11 Datasheet HTML 38Page - STMicroelectronics STPM11 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
STPM11, STPM12, STPM13, STPM14
Energy calculation algorithm
Doc ID 13167 Rev 8
35/46
In the STPM1x, after the pre-conditioning and the A/D conversion, the digital voltage signal
(which is dynamically more stable with respect to the current signal) is processed by a
differentiate stage which transforms:
Equation 9
v(t)
→ v’(t) = dv/dt = V
⋅ ω ⋅ cos tω; (see [5] in Figure 22);
The result, together with the pre-processed and digitalized current signal:
Equation 10
i(t) = I
⋅ sin (tω + ϕ); (see [6] in Figure 22)
can then be used to calculate. These digital signals are also used in two additional steps for
integration, obtaining:
Equation 11
dv/dt
→ v(t) = V
⋅ sin tω; (see [7] in Figure 22)
Equation 12
(see [8] in Figure 22)
Now four signals are available. Combining (pairing) them by two multiplication steps two
results are obtained:
Equation 13
(see [9] in Figure 22)
Equation 14
(see [10] in Figure 22)
After these two operations, another stage another step involves the subtraction of p1 from
p2 and dividing the result by 2, to obtain the active power:
Equation 15
(see [12] in Figure 22)
In this way, the AC part
)
t
cos(
I
dt
)
t
(
i
)
t
(
I
ϕ
+
ω
⋅
ω
−
=
⋅
=
∫
i(t)
⋅
2
)
t
2
cos(
I
V
2
cos
I
V
dt
)
t
(
i
dt
dv
)
t
(
p
1
ϕ
+
ω
⋅
⋅
−
ϕ
⋅
⋅
−
=
⋅
⋅
=
/
∫
2
)
t
2
cos(
I
V
2
cos
I
V
)
t
(
i
)
t
(
v
)
t
(
p
2
ϕ
+
ω
⋅
⋅
−
ϕ
⋅
⋅
=
⋅
=
/
2
cos
I
V
2
))
t
(
p
)
t
(
p
(
)
t
(
p
1
2
ϕ
⋅
⋅
=
/
−
/
=
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46