Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPM01 Fiches technique(PDF) 48 Page - STMicroelectronics

No de pièce STPM01
Description  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Fiches technique(HTML) 48 Page - STMicroelectronics

Back Button STPM01_V01 Datasheet HTML 44Page - STMicroelectronics STPM01_V01 Datasheet HTML 45Page - STMicroelectronics STPM01_V01 Datasheet HTML 46Page - STMicroelectronics STPM01_V01 Datasheet HTML 47Page - STMicroelectronics STPM01_V01 Datasheet HTML 48Page - STMicroelectronics STPM01_V01 Datasheet HTML 49Page - STMicroelectronics STPM01_V01 Datasheet HTML 50Page - STMicroelectronics STPM01_V01 Datasheet HTML 51Page - STMicroelectronics STPM01_V01 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
Theory of operation
STPM01
48/60
Doc ID 10853 Rev 8
Equation 16
The reactive power will present then a ripple at twice the line frequency. Since the average
value of a sinusoid is 0, this ripple does not contribute to the reactive energy calculation over
time, moreover, in the STPM01 the reactive power is not used for meter calibration or to
generate the stepper pulses, then this ripple will not affect the overall system performances.
In case of Rogowsky coil, the same procedure is applied, but the current channel will be
proportional to the derived of the current and the differentiated is bypassed in the voltage
channel, so we have:
Equation 17
Equation 18
The reactive power is then calculated:
Equation 19
8.24.3
Apparent power and RMS values
The RMS values are calculated starting from the following formulas.
Shunt or current transformer
Equation 20
multiplying Equation 20 by
ω, the I
RMS value is obtained:
())
t
2
sin(
sin
2
VI
)
t
(
Q
2
1
)
t
(
Q
1
3
ϕ
+
ω
−
ϕ
⋅
=
ω
⋅
⋅
=
()
())
t
2
sin(
sin
2
VI
)
t
sin(
I
)
t
cos(
V
)
t
(
i
)
t
(
V
dt
)
t
(
i
dt
)
t
(
v
)
t
(
Q
1
ϕ
+
ω
+
ϕ
ω
=
ϕ
+
ω
−
⋅
⎟
⎠
⎞
⎜
⎝
⎛
ω
ω
−
=
⋅
=
′
⋅
=
∫∫
()
())
t
2
sin(
sin
2
VI
)
t
cos(
I
)
t
(
t
sin
V
)
t
(
i
)
t
(
v
)
t
(
Q1
ϕ
+
ω
−
ϕ
⋅
ω
⋅
−
=
ϕ
+
ω
ω
−
⋅
ω
=
′
⋅
=
())
t
2
sin(
sin
2
VI
)
t
(
Q
2
1
)
t
(
Q
1
3
ϕ
+
ω
+
ϕ
⋅
=
ω
⋅
⋅
=
2
I
dt
)
t
(
I
T
1
T
0
2
⋅
ω
=
∫



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60