Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPA001A Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce STPA001A
Description  4 x 50 W MOSFET quad bridge power amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA001A Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button STPA001A Datasheet HTML 17Page - STMicroelectronics STPA001A Datasheet HTML 18Page - STMicroelectronics STPA001A Datasheet HTML 19Page - STMicroelectronics STPA001A Datasheet HTML 20Page - STMicroelectronics STPA001A Datasheet HTML 21Page - STMicroelectronics STPA001A Datasheet HTML 22Page - STMicroelectronics STPA001A Datasheet HTML 23Page - STMicroelectronics STPA001A Datasheet HTML 24Page - STMicroelectronics STPA001A Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
DocID023043 Rev 7
21/26
STPA001
Package information
25
5
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 27. Flexiwatt27 (vertical) mechanical data and package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26