| Moteur de recherche de fiches techniques de composants électroniques |
|
STA1095 Fiches technique(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA1095 Fiches technique(HTML) 35 Page - STMicroelectronics |
|
35 / 127 page ![]() DS13319 Rev 2 35/127 STA108x, STA109x Signal description 126 SDRAM_ADD_3 GPIO61 W10 O VDD_IO SDR SDRAM. Address line 3. SDRAM_ADD_4 GPIO60 V11 O VDD_IO SDR SDRAM. Address line 4. SDRAM_ADD_5 GPIO59 W11 O VDD_IO SDR SDRAM. Address line 5. SDRAM_ADD_6 GPIO58 V12 O VDD_IO SDR SDRAM. Address line 6. SDRAM_ADD_7 GPIO57 W12 O VDD_IO SDR SDRAM. Address line 7. SDRAM_ADD_8 GPIO56 V13 O VDD_IO SDR SDRAM. Address line 8. SDRAM_ADD_9 GPIO55 W13 O VDD_IO SDR SDRAM. Address line 9. SDRAM_BA_0 GPIO51 W7 O VDD_IO SDR SDRAM. Bank address 0 line. SDRAM_BA_1 GPIO50 V8 O VDD_IO SDR SDRAM. Bank address 1 line. SDRAM_CASn GPIO82 V6 O VDD_IO SDR SDRAM. Column address strobe. SDRAM_CKE GPIO87 V15 O VDD_IO SDR SDRAM. Clock enable. SDRAM_CLK GPIO89 W15 O VDD_IO SDR SDRAM. Clock signal. SDRAM_CS0n GPIO86 V7 O VDD_IO SDR SDRAM. Chip select 0. SDRAM_CS1n GPIO28 GPIO136(1) M19 U17 O VDD_IO SDR SDRAM. Chip select 1. SDRAM_Data_0 GPIO80 V3 I/O VDD_IO SDR SDRAM. Data line 0. SDRAM_Data_1 GPIO79 W2 I/O VDD_IO SDR SDRAM. Data line 1. SDRAM_Data_10 GPIO70 T19 I/O VDD_IO SDR SDRAM. Data line 10. SDRAM_Data_11 GPIO69 U19 I/O VDD_IO SDR SDRAM. Data line 11. SDRAM_Data_12 GPIO68 U18 I/O VDD_IO SDR SDRAM. Data line 12. SDRAM_Data_13 GPIO67 W18 I/O VDD_IO SDR SDRAM. Data line 13. SDRAM_Data_14 GPIO66 V19 I/O VDD_IO SDR SDRAM. Data line 14. SDRAM_Data_15 GPIO65 V18 I/O VDD_IO SDR SDRAM. Data line 15. SDRAM_Data_16(1) GPIO137(1) T7 I/O VDD_IO SDR SDRAM. Data line 16. SDRAM_Data_17(1) GPIO138(1) U7 I/O VDD_IO SDR SDRAM. Data line 17. SDRAM_Data_18(1) GPIO139(1) T6 I/O VDD_IO SDR SDRAM. Data line 18. SDRAM_Data_19(1) GPIO140(1) U6 I/O VDD_IO SDR SDRAM. Data line 19. SDRAM_Data_2 GPIO78 V2 I/O VDD_IO SDR SDRAM. Data line 2. SDRAM_Data_20(1) GPIO141(1) T5 I/O VDD_IO SDR SDRAM. Data line 20. SDRAM_Data_21(1) GPIO142(1) R6 I/O VDD_IO SDR SDRAM. Data line 21. SDRAM_Data_22(1) GPIO143(1) U4 I/O VDD_IO SDR SDRAM. Data line 22. SDRAM_Data_23(1) GPIO144(1) U3 I/O VDD_IO SDR SDRAM. Data line 23. SDRAM_Data_24(1) GPIO147(1) P5 I/O VDD_IO SDR SDRAM. Data line 24. SDRAM_Data_25(1) GPIO148(1) R5 I/O VDD_IO SDR SDRAM. Data line 25. Table 12. Memory signals (continued) Name GPIOs Balls DIR Power Domain Description |