Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA1095 Fiches technique(PDF) 105 Page - STMicroelectronics

No de pièce STA1095
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1095 Fiches technique(HTML) 105 Page - STMicroelectronics

Back Button STA1095 Datasheet HTML 101Page - STMicroelectronics STA1095 Datasheet HTML 102Page - STMicroelectronics STA1095 Datasheet HTML 103Page - STMicroelectronics STA1095 Datasheet HTML 104Page - STMicroelectronics STA1095 Datasheet HTML 105Page - STMicroelectronics STA1095 Datasheet HTML 106Page - STMicroelectronics STA1095 Datasheet HTML 107Page - STMicroelectronics STA1095 Datasheet HTML 108Page - STMicroelectronics STA1095 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 127 page
background image
DS13319 Rev 2
105/127
STA108x, STA109x
Ball list
126
B14
M3_LVI
Disabled
Input
Input
B15
M3_PWREN
-
Output
Output
B16
M3_GPIO2
PD
GPIO Input
GPIO Input
B17
DAC_VHI
-
NA
NA
B18
DAC_OUT1L
-
Output
Output
B19
DAC_OUT2R
-
Output
Output
C1
M3_GPIO11
PU
GPIO Input
GPIO Input
C2
SQI_SIO3
PU
Input
Input
C3
M3_GPIO14
PU
GPIO Input
GPIO Input
C4
GPIO45
PU
GPIO Input
GPIO Input
C5
S_GPIO2
PU
GPIO Input
GPIO Input
C6
M3_GPIO9
PU
GPIO Input
GPIO Input
C7
I2C0_SCL
PU
Input
Input
C8
GPIO10
PU
GPIO Input
GPIO Input
C9
GPIO16
PU
GPIO Input
GPIO Input
C10
GPIO19
PU
GPIO Input
GPIO Input
C11
M3_GPIO12
PU
GPIO Input
GPIO Input
C12
GPIO2
PU
GPIO Input
GPIO Input
C13
GPIO4
PU
GPIO Input
GPIO Input
C14
M3_SXTALI
-
Input
Input
C15
M3_GPIO0
PD
GPIO Input
GPIO Input
C16
M3_GPIO3
PD
GPIO Input
GPIO Input
C17
DAC_VLO
-
NA
NA
C18
DAC_OUT0L
-
Output
Output
C19
DAC_OUT2L
-
Output
Output
D1
SQI_SCK
-
Output
Output
D2
SQI_SIO1
PU
Input
Input
D3
SQI_CE0n
-
Output
Output
D4
SQI_SIO0
-
Output
Output
D5
GPIO46
PU
GPIO Input
GPIO Input
D6
S_GPIO0
PU
GPIO Input
GPIO Input
D7
S_GPIO1
PU
GPIO Input
GPIO Input
D8
I2C0_SDA
PU
Input
Input
D9
GPIO11
PU
GPIO Input
GPIO Input
Table 56. STA109x Ball list (continued)
Ball
Ball name
Pull
up/down
RESET DIR
(REMAP[1:0]=00,01,10)
RESET DIR
(REMAP[1:0]=11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More