| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC584G80C3 Fiches technique(PDF) 107 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC584G80C3 Fiches technique(HTML) 107 Page - STMicroelectronics |
|
107 / 139 page ![]() DS11758 Rev 6 107/139 SPC584Gx, SPC58EGx, SPC58NGx Package information 120 5 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages, depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark. The following table lists the case numbers for SPC584Gx, SPC58EGx, SPC58NGx. 5.1 eLQFP176 package information Refer to Section 5.1.1: Package mechanical drawings and data information for full description of below figures and table notes. Table 64. Package case numbers Package type Device type eLQFP176 Production eTQFP144 Production FPBGA292 Production |