| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC584G80C3 Fiches technique(PDF) 105 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC584G80C3 Fiches technique(HTML) 105 Page - STMicroelectronics |
|
105 / 139 page ![]() DS11758 Rev 6 105/139 SPC584Gx, SPC58EGx, SPC58NGx Electrical characteristics 106 4.17.7 I2C timing The I2C AC timing specifications are provided in the following tables. Note: In the following table, I2C input timing is valid for Automotive and TTL inputs levels, hysteresis enabled, and an input edge rate no slower than 1 ns (10% – 90%). Note: In the following table: • All output timing is worst case and includes the mismatching of rise and fall times of the output pads. Table 61. UART frequency support LINFlexD clock frequency LIN_CLK (MHz) Oversampling rate Voting scheme Max usable frequency (Mbaud) 80 16 3:1 majority voting 5 810 6 Limited voting on one sample with configurable sampling point 13.33 516 420 100 16 3:1 majority voting 6.25 8 12.5 6 Limited voting on one sample with configurable sampling point 16.67 520 425 Table 62. I2C input timing specifications – SCL and SDA No. Symbol C Parameter Value Unit Min Max 1 — CC D Start condition hold time 2 — PER_CLK Cycle(1) 2 — CC D Clock low time 8 — PER_CLK Cycle 3 — CC D Bus free time between Start and Stop condition 4.7 — µs 4 — CC D Data hold time 0.0 — ns 5 — CC D Clock high time 4 — PER_CLK Cycle 6 — CC D Data setup time 0.0 — ns 7 — CC D Start condition setup time (for repeated start condition only) 2 — PER_CLK Cycle 8 — CC D Stop condition setup time 2 — PER_CLK Cycle 1. PER_CLK is the SoC peripheral clock, which drives the I2C BIU and module clock inputs. See the Clocking chapter in the device reference manual for more detail. |