| Moteur de recherche de fiches techniques de composants électroniques |
|
P5CD080 Fiches technique(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P5CD080 Fiches technique(HTML) 11 Page - NXP Semiconductors |
|
11 / 18 page ![]() xxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx x xxxxxxxxxxxxxx xxxxxxxxxx xxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxx xxxxxxxxxxxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxx x x Fig 1. Functional diagram P5CC021/P5CC040/P5CC073/P5CC080/P5CC144 001aae954 IO1 IO3 PROGRAMMABLE IO 1, 2, 3 IO2 CLK RST_N VDD VSS ROM 200 KB PROGRAM MEMORY SECURE_MX51 CPU 6144 B DATA MEMORY EEPROM 20 KB/40 KB/ 72 KB/80 KB/ 144 KB DATA AND PROGRAM MEMORY CRC16 FAST RNG TIMERS 16-bit T0 16-bit T1 RAM FameXE ENHANCED PUBLIC KEY COPROCESSOR e.g. RSA, ECC AES COPROCESSOR TRIPLE-DES COPROCESSOR UART ISO 7816 CLOCK FILTER SECURITY SENSORS RESET GENERATION VOLTAGE REGULATOR MEMORY MANAGEMENT UNIT (MMU) CLOCK GENERATION P5CC021 P5CC040 P5CC073 P5CC080 P5CC144 |