Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3578AMX/NOPB Fiches technique(PDF) 22 Page - Texas Instruments

No de pièce LM3578AMX/NOPB
Description  LM2578A/LM3578A Switching Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

LM3578AMX/NOPB Fiches technique(HTML) 22 Page - Texas Instruments

Back Button LM3578AMX/NOPB Datasheet HTML 18Page - Texas Instruments LM3578AMX/NOPB Datasheet HTML 19Page - Texas Instruments LM3578AMX/NOPB Datasheet HTML 20Page - Texas Instruments LM3578AMX/NOPB Datasheet HTML 21Page - Texas Instruments LM3578AMX/NOPB Datasheet HTML 22Page - Texas Instruments LM3578AMX/NOPB Datasheet HTML 23Page - Texas Instruments LM3578AMX/NOPB Datasheet HTML 24Page - Texas Instruments LM3578AMX/NOPB Datasheet HTML 25Page - Texas Instruments LM3578AMX/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
LM2578A, LM3578A
SNVS767E – AUGUST 2000 – REVISED APRIL 2013
www.ti.com
A minimum value for an ideal output capacitor C3, could be calculated as C = Io × t/ΔV where Io is the load
current, t is the transistor on time (typically 0.4/fosc), and ΔV is the peak-to-peak output voltage ripple. A larger
output capacitor than this theoretical value should be used since electrolytics have poor high frequency
performance. Experience has shown that a value from 5 to 10 times the calculated value should be used.
For good efficiency, the diodes must have a low forward voltage drop and be fast switching. 1N5819 Schottky
diodes work well.
Transformer selection should be picked for an output transistor “on” time of 0.4/fosc, and a primary inductance
high enough to prevent the output transistor switch from ramping higher than the transistor's rating of 750 mA.
Pulse Engineering (San Diego, Calif.) and Renco Electronics, Inc. (Deer Park, N.Y.) can provide further
assistance in selecting the proper transformer for a specific application need. The transformer used in Figure 36
was a Pulse Engineering PE-64287.
22
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2578A LM3578A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33