| Moteur de recherche de fiches techniques de composants électroniques |
|
LM3578AM/NOPB Fiches technique(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM3578AM/NOPB Fiches technique(HTML) 22 Page - Texas Instruments |
|
22 / 33 page ![]() LM2578A, LM3578A SNVS767E – AUGUST 2000 – REVISED APRIL 2013 www.ti.com A minimum value for an ideal output capacitor C3, could be calculated as C = Io × t/ΔV where Io is the load current, t is the transistor on time (typically 0.4/fosc), and ΔV is the peak-to-peak output voltage ripple. A larger output capacitor than this theoretical value should be used since electrolytics have poor high frequency performance. Experience has shown that a value from 5 to 10 times the calculated value should be used. For good efficiency, the diodes must have a low forward voltage drop and be fast switching. 1N5819 Schottky diodes work well. Transformer selection should be picked for an output transistor “on” time of 0.4/fosc, and a primary inductance high enough to prevent the output transistor switch from ramping higher than the transistor's rating of 750 mA. Pulse Engineering (San Diego, Calif.) and Renco Electronics, Inc. (Deer Park, N.Y.) can provide further assistance in selecting the proper transformer for a specific application need. The transformer used in Figure 36 was a Pulse Engineering PE-64287. 22 Submit Documentation Feedback Copyright © 2000–2013, Texas Instruments Incorporated Product Folder Links: LM2578A LM3578A |