Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P5CD080X0 Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce P5CD080X0
Description  Secure dual interface and contact PKI smart card controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5CD080X0 Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button P5CD080X0 Datasheet HTML 4Page - NXP Semiconductors P5CD080X0 Datasheet HTML 5Page - NXP Semiconductors P5CD080X0 Datasheet HTML 6Page - NXP Semiconductors P5CD080X0 Datasheet HTML 7Page - NXP Semiconductors P5CD080X0 Datasheet HTML 8Page - NXP Semiconductors P5CD080X0 Datasheet HTML 9Page - NXP Semiconductors P5CD080X0 Datasheet HTML 10Page - NXP Semiconductors P5CD080X0 Datasheet HTML 11Page - NXP Semiconductors P5CD080X0 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
P5CX012_02X_40_73_80_144_FAM_SDS_3
© NXP B.V. 2008. All rights reserved.
Objective short data sheet
Rev. 03 — 24 January 2008
8 of 18
NXP Semiconductors
P5Cx012/02x/40/73/80/144 family
Secure dual interface and contact PKI smart card controller
2.4 Design-in support
I Approved development tool chain:
N Keil PK51 development tool package inclusive µVision3/dScope C51 simulator,
additional specific hardware drivers inclusive simulation of contactless interface
and ISO/IEC 7816 card interface board. A SmartMX DBox allows software
debugging and integration tests.
N Ashling Ultra-Emulator platform, stand alone ROM prototyping boards and
ISO/IEC 7816 and ISO/IEC 14443 card interface board. Code coverage and
performance measurement software tools for real time software testing.
N Dual interface dummy modules OM6711 (PDM 1.1 - SOT658) with special antenna
bonding on C4 and C8 for testing the implanting process and antenna connection.
I Software libraries:
N Libraries supporting contactless communication according to ISO 14443,
part 3 and 4
N EEPROM read/write routines
3.
Applications
3.1 Application areas
I Banking
I Java cards
I E-passports
I ID cards
I Secure access
I Trusted platform modules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18