Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPC2212 Fiches technique(PDF) 13 Page - NXP Semiconductors

No de pièce LPC2212
Description  16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2212 Fiches technique(HTML) 13 Page - NXP Semiconductors

Back Button LPC2212_08 Datasheet HTML 9Page - NXP Semiconductors LPC2212_08 Datasheet HTML 10Page - NXP Semiconductors LPC2212_08 Datasheet HTML 11Page - NXP Semiconductors LPC2212_08 Datasheet HTML 12Page - NXP Semiconductors LPC2212_08 Datasheet HTML 13Page - NXP Semiconductors LPC2212_08 Datasheet HTML 14Page - NXP Semiconductors LPC2212_08 Datasheet HTML 15Page - NXP Semiconductors LPC2212_08 Datasheet HTML 16Page - NXP Semiconductors LPC2212_08 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
LPC2212_2214_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 3 January 2008
13 of 45
NXP Semiconductors
LPC2212/2214
16/32-bit ARM microcontrollers
time (no matter whether the CRP is on or off). Removal of CRP is achieved by erasure of
full on-chip user flash. With the CRP off, full access to the chip via the JTAG and/or ISP is
restored.
6.3 On-chip static RAM
On-chip static RAM may be used for code and/or data storage. The SRAM may be
accessed as 8 bit, 16 bit, and 32 bit. The LPC2212/2214 provide 16 kB of static RAM.
6.4 Memory map
The LPC2212/2214 memory maps incorporate several distinct regions, as shown in the
following figures.
In addition, the CPU interrupt vectors may be re-mapped to allow them to reside in either
flash memory (the default) or on-chip static RAM. This is described in Section 6.18
“System control”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45