| Moteur de recherche de fiches techniques de composants électroniques |
|
PH-4BA-173 Fiches technique(PDF) 1 Page - rfsolutions.ltd |
|
|
|||||||||||||||||||||||||||||
PH-4BA-173 Fiches technique(HTML) 1 Page - rfsolutions.ltd |
|
1 / 5 page ![]() DS039-10 Sept ‘05 ©2005 REG No 277 4001, ENGLAND. Page 1 Antenna A range of high quality antennae designed and manufactured for operation specifically with Low power short range telemetry systems. Using one of the following antennae will give optimum range and reliability to your application. ‘Stubby’ Helical Antenna • 1/ 4 Wavelength Helical Antenna • Rugged Plastic Finish, Flexible Antenna • Available As BNC, 4BA, M4 Screw Fixing 1/ 4 Wave Flexible Antenna • Standard 1/ 4 Wavelength Whip Antenna • Rugged Plastic Finish. Flexible Antenna • Available as BNC, 4BA, M4 Screw Fixing • Available as Straight or Right Angle +3db GAIN ANTENNA • +3db GAIN 5/ 8 Wavelength Whip Antenna • Integral Wall Mounting Bracket • Supplied With 2 Metres Coax Cable & BNC (50 Ω) Note: In Order To Comply With The UK DTI Regulations, A Gain Antenna Must Not Be Used On Any Transmitting Device. |
Numéro de pièce similaire - PH-4BA-173 |
|
Description similaire - PH-4BA-173 |