Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P5CD080UE Fiches technique(PDF) 12 Page - NXP Semiconductors

No de pièce P5CD080UE
Description  Secure dual interface and contact PKI smart card controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5CD080UE Fiches technique(HTML) 12 Page - NXP Semiconductors

Back Button P5CD080UE Datasheet HTML 8Page - NXP Semiconductors P5CD080UE Datasheet HTML 9Page - NXP Semiconductors P5CD080UE Datasheet HTML 10Page - NXP Semiconductors P5CD080UE Datasheet HTML 11Page - NXP Semiconductors P5CD080UE Datasheet HTML 12Page - NXP Semiconductors P5CD080UE Datasheet HTML 13Page - NXP Semiconductors P5CD080UE Datasheet HTML 14Page - NXP Semiconductors P5CD080UE Datasheet HTML 15Page - NXP Semiconductors P5CD080UE Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Fig 2.
Functional diagram P5CD012/P5CD020/P5CD040/P5CD080/P5CD144
001aae953
RF
INTERFACE
LA
LB
IO1
IO3
PROGRAMMABLE
IO 1, 2, 3
IO2
CLK
RST_N
VDD
VSS
CIU
ISO 14443
ROM
200 KB
PROGRAM
MEMORY
SECURE_MX51 CPU
6144 B
DATA
MEMORY
EEPROM
20 KB/40 KB/
80 KB/144 KB
DATA AND
PROGRAM
MEMORY
CRC16
FAST
RNG
TIMERS
16-bit
T0
16-bit
T1
RAM
FameXE
ENHANCED PUBLIC
KEY
COPROCESSOR e.g.
RSA, ECC
AES
COPROCESSOR
TRIPLE-DES
COPROCESSOR
UART
ISO 7816
CLOCK
FILTER
SECURITY SENSORS
RESET GENERATION
VOLTAGE REGULATOR
MEMORY MANAGEMENT UNIT (MMU)
CLOCK
GENERATION
P5CD020 P5CD040 P5CD080 P5CD144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18