Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7561 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce TDA7561
Description  Multifunction quad power amplifier with built-in diagnostics features
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7561 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button TDA7561 Datasheet HTML 18Page - STMicroelectronics TDA7561 Datasheet HTML 19Page - STMicroelectronics TDA7561 Datasheet HTML 20Page - STMicroelectronics TDA7561 Datasheet HTML 21Page - STMicroelectronics TDA7561 Datasheet HTML 22Page - STMicroelectronics TDA7561 Datasheet HTML 23Page - STMicroelectronics TDA7561 Datasheet HTML 24Page - STMicroelectronics TDA7561 Datasheet HTML 25Page - STMicroelectronics TDA7561 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Software specifications
TDA7561
22/27
Doc ID 8326 Rev 6
Table 11.
DB4
Bit
Instruction decoding bit
D7
X
D6
X
D5
X
D4
Channel RR
Turn-on diagnostic (D4 = 0)
Permanent diagnostic (D4 = 1)
D3
Channel RR
Normal load (D3 = 0)
Short load (D3 = 1)
D2
Channel RR
Turn-on diag.: No open load (D2 = 0)
Open load detection (D2 = 1)
Permanent diag.:No output offset (D2 = 0)
Output offset detection (D2 = 1)
D1
Channel RRNo short to Vcc (D1 = 0) Short to Vcc (D1 = 1)
D0
Channel RRNo short to GND (D1 = 0) Short to GND (D1 = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27