Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E-TDA7478AD Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce E-TDA7478AD
Description  Single chip RDS demodulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-TDA7478AD Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button E-TDA7478AD Datasheet HTML 3Page - STMicroelectronics E-TDA7478AD Datasheet HTML 4Page - STMicroelectronics E-TDA7478AD Datasheet HTML 5Page - STMicroelectronics E-TDA7478AD Datasheet HTML 6Page - STMicroelectronics E-TDA7478AD Datasheet HTML 7Page - STMicroelectronics E-TDA7478AD Datasheet HTML 8Page - STMicroelectronics E-TDA7478AD Datasheet HTML 9Page - STMicroelectronics E-TDA7478AD Datasheet HTML 10Page - STMicroelectronics E-TDA7478AD Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TDA7478
Output timing
Doc 10679 Rev 4
7/11
3
Output timing
The RDS (1187.5Hz) output clock on RDCL line is synchronized to the incoming data.
According to the internal PLL lock condition data change can result on the falling or on the
rising clock edge. (see Figure 3). Whichever clock edge is used by the decoder (rising or
falling edge) the data will remain valid for 416.7
μs after the clock transition.
Figure 3.
RDS timing diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11