Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7381 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce TDA7381
Description  4 x 25 W quad bridge car radio amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7381 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button TDA7381_V01 Datasheet HTML 7Page - STMicroelectronics TDA7381_V01 Datasheet HTML 8Page - STMicroelectronics TDA7381_V01 Datasheet HTML 9Page - STMicroelectronics TDA7381_V01 Datasheet HTML 10Page - STMicroelectronics TDA7381_V01 Datasheet HTML 11Page - STMicroelectronics TDA7381_V01 Datasheet HTML 12Page - STMicroelectronics TDA7381_V01 Datasheet HTML 13Page - STMicroelectronics TDA7381_V01 Datasheet HTML 14Page - STMicroelectronics TDA7381_V01 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
TDA7381
Package information
Doc ID 4947 Rev 8
13/15
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 11. Flexiwatt25 mechanical data and package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15