Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

52265 Fiches technique(PDF) 4 Page - TE Connectivity Ltd

No de pièce 52265
Description  PLASTI-GRIP Terminals & Splices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEC [TE Connectivity Ltd]
Site Internet  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

52265 Fiches technique(HTML) 4 Page - TE Connectivity Ltd

  52265 Datasheet HTML 1Page - TE Connectivity Ltd 52265 Datasheet HTML 2Page - TE Connectivity Ltd 52265 Datasheet HTML 3Page - TE Connectivity Ltd 52265 Datasheet HTML 4Page - TE Connectivity Ltd 52265 Datasheet HTML 5Page - TE Connectivity Ltd 52265 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
te.com/products/plasti-grip
PLASTI-GRIP Terminals & Splices
TE Connectivity
spades: Flanged spade
Wire size
Material
thickness
studsize/
Pin length
Wire Pin
standard
Part
number
Width (W)
length (l)
color
Max. Wire
insulation dia.
also available in4
remarks
aWG
mm2
inch
mm
u.s.
mm
inch
mm
inch
mm
inch
mm
Tape & Reel
Small Pack
22 - 16
0,26 - 1,65
.033
0,84
6
M3.5
322249
.296
7,52
.749
19,02
●
.140
3,56
✔
✔
8
M4
324169
.416
10,57
.842
21,39
●
.140
3,56
✔
✔
10
328516
.296
7,52
.749
19,02
●
.140
3,56
✔
✔
16 - 14
1,04 - 2,62
.033
0,84
6
M3.5
324165
.294
7,47
.749
19,02
●
.170
4,32
✔
✔
8
M4
53874-1
.284
7,21
.749
19,02
●
.170
4,32
✔
–
8
M4
160212
.294
7,47
.749
19,02
●
.173
4,39
–
–
.031
0,79
M5
160213
.294
7,47
.749
19,02
●
.173
4,39
–
✔
12 - 10
2,62 - 6,64
.042
1,07
6
M3.5
324581
.296
7,52
1.017
25,83
●
.230
5,84
✔
✔
8
M4
324172
.416
10,57
1.017
25,83
●
.230
5,84
✔
✔
10
52856
.416
10,57
1.017
25,83
●
.250
6,35
✔
✔
long spring spade
22 - 16
0,26 - 1,65
.033
0,84
6
M3.5
52453
.250
.945
24,00
●
.140
3,56
✔
✔
2
8
M4
52454
.281
.991
25,17
●
.140
3,56
✔
✔
2
10
52455
.343
1.017
25,83
●
.140
3,56
✔
✔
2
16 - 14
1,04 - 2,62
.033
0,84
6
M3.5
52463
.250
.945
24,00
●
.170
4,32
✔
–
2
8
M4
52464
.281
.991
25,17
●
.170
4,32
✔
✔
2
10
52465
.343
1.017
25,83
●
.170
4,32
✔
–
2
12 - 10
2,62 - 6,64
.042
1,07
8
M4
52474
.375
1.174
29,82
●
.200
5,08
✔
–
2
10
52475
.375
1.219
30,96
●
.200
5,08
✔
–
2
short spring spade
22 - 16
0,26 - 1,65
.033
0,84
4
M2.5
52947
.203
5,16
.811
20,60
●
.140
3,56
✔
✔
2
5
M3
52948
.250
6,35
.811
20,60
●
.140
3,56
✔
✔
2
6
M3.5
52949
.250
6,35
.811
20,60
●
.140
3,56
✔
✔
2
6
M3.5
53240-1
.234
5,94
.811
20,60
●
.140
3,56
✔
–
2
8
M4
53241-1
.244
6,20
.872
22,15
●
.140
3,56
✔
–
2
10
53242-1
.294
7,47
.920
23,37
●
.140
3,56
✔
–
2
16 - 14
1,04 - 2,62
.033
0,84
6
M3.5
52955
.250
6,35
.811
20,60
●
.170
4,32
✔
✔
2
8
M4
53244-1
.244
6,20
.872
22,15
●
.170
4,32
✔
✔
2
10
52957
.406
10,31
.920
23,37
●
.170
4,32
✔
✔
2
12 - 10
2,62 - 6,64
.042
1,07
6
M3.5
52961
.250
6,35
.959
24,36
●
.200
5,08
✔
✔
2
8
M4
53247-1
.312
7,92
1.052
26,72
●
.250
6,35
✔
✔
2
10
52963-2
.406
10,31
1.100
27,94
●
.250
6,35
✔
–
2
Butt splices
26 - 22
0,12
 - 0,41
n.a.
n.a.
321026
n.a.
.620
15,75
●
.080
2,03
✔
✔
22 - 16
0,26
 - 1,65
n.a.
n.a.
34067
n.a.
1.065
27,05
●
.120
3,05
✔
✔
n.a.
n.a.
34070
n.a.
1.076
27,33
●
.140
3,56
✔
✔
n.a.
n.a.
34243
n.a.
1.065
27,05
●
.170
4,32
✔
✔
l
l
W
W
W
l



Html Pages

1 2 3 4 5 6