| Moteur de recherche de fiches techniques de composants électroniques |
|
INA188IDRG4 Fiches technique(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
INA188IDRG4 Fiches technique(HTML) 23 Page - Texas Instruments |
|
23 / 41 page ![]() 47 k 47 k RG Microphone, hydrophone, and so forth. - + INA188 10 k RG Thermocouple - + INA188 RG Center tap provides bias current return. - + INA188 23 INA188 www.ti.com SBOS632 – SEPTEMBER 2015 Product Folder Links: INA188 Submit Documentation Feedback Copyright © 2015, Texas Instruments Incorporated Device Functional Modes (continued) 7.4.3 Input Bias Current Return Path The input impedance of the INA188 is extremely high—approximately 20 G Ω. However, a path must be provided for the input bias current of both inputs. This input bias current is typically 750 pA. High input impedance means that this input bias current changes very little with varying input voltage. Input circuitry must provide a path for this input bias current for proper operation. Figure 52 shows various provisions for an input bias current path. Without a bias current path, the inputs float to a potential that exceeds the common-mode range of the INA188, and the input amplifiers saturate. If the differential source resistance is low, the bias current return path can be connected to one input (as shown in the thermocouple example in Figure 52). With a higher source impedance, using two equal resistors provides a balanced input with possible advantages of a lower input offset voltage as a result of bias current and better high-frequency common-mode rejection. Figure 52. Providing an Input Common-Mode Current Path |