| Moteur de recherche de fiches techniques de composants électroniques |
|
INA190 Fiches technique(PDF) 31 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
INA190 Fiches technique(HTML) 31 Page - Texas Instruments |
|
31 / 48 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) INA190A1IDCKR Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 125 1DP INA190A1IDCKR.A Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 1DP INA190A1IDCKT Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 125 1DP INA190A1IDCKT.A Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 1DP INA190A1IDDFR Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1ZGW INA190A1IDDFR.A Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1ZGW INA190A1IDDFR.B Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1ZGW INA190A1IDDFRG4 Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1ZGW INA190A1IDDFRG4.A Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1ZGW INA190A1IDDFT Obsolete Production SOT-23-THIN (DDF) | 8 - - Call TI Call TI -40 to 125 1ZGW INA190A1IRSWR Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1AN INA190A1IRSWR.A Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1AN INA190A1IRSWRG4 Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1AN INA190A1IRSWRG4.A Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1AN INA190A1IRSWT Last Time Buy Production UQFN (RSW) | 10 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1AN INA190A2IDCKR Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 125 1DQ INA190A2IDCKR.A Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 1DQ INA190A2IDCKRG4 Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 1DQ INA190A2IDCKRG4.A Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 1DQ INA190A2IDCKT Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 125 1DQ INA190A2IDCKT.A Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 1DQ INA190A2IDDFR Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1ZHW INA190A2IDDFR.A Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1ZHW INA190A2IDDFR.B Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1ZHW INA190A2IDDFT Obsolete Production SOT-23-THIN (DDF) | 8 - - Call TI Call TI -40 to 125 1ZHW INA190A2IRSWR Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1AM INA190A2IRSWR.A Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1AM INA190A2IRSWT Last Time Buy Production UQFN (RSW) | 10 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1AM Addendum-Page 1 |