| Moteur de recherche de fiches techniques de composants électroniques |
|
INA188IDR Fiches technique(PDF) 39 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
INA188IDR Fiches technique(HTML) 39 Page - Texas Instruments |
|
39 / 41 page ![]() www.ti.com EXAMPLE BOARD LAYOUT .0028 MAX [0.07] ALL AROUND .0028 MIN [0.07] ALL AROUND (.213) [5.4] 6X (.050 ) [1.27] 8X (.061 ) [1.55] 8X (.024) [0.6] (R.002 ) TYP [0.05] SOIC - 1.75 mm max height D0008A SMALL OUTLINE INTEGRATED CIRCUIT 4214825/C 02/2019 NOTES: (continued) 6. Publication IPC-7351 may have alternate designs. 7. Solder mask tolerances between and around signal pads can vary based on board fabrication site. METAL SOLDER MASK OPENING NON SOLDER MASK DEFINED SOLDER MASK DETAILS EXPOSED METAL OPENING SOLDER MASK METAL UNDER SOLDER MASK SOLDER MASK DEFINED EXPOSED METAL LAND PATTERN EXAMPLE EXPOSED METAL SHOWN SCALE:8X SYMM 1 4 5 8 SEE DETAILS SYMM |