| Moteur de recherche de fiches techniques de composants électroniques |
|
INA181 Fiches technique(PDF) 40 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
INA181 Fiches technique(HTML) 40 Page - Texas Instruments |
|
40 / 62 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) INA181A1IDBVR Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 18JD INA181A1IDBVR.B Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 18JD INA181A1IDBVT Active Production SOT-23 (DBV) | 6 250 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 18JD INA181A1IDBVT.B Active Production SOT-23 (DBV) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 18JD INA181A1IDCKR Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1P8 INA181A1IDCKR.B Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1P8 INA181A2IDBVR Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 1AED INA181A2IDBVR.B Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 1AED INA181A2IDBVT Active Production SOT-23 (DBV) | 6 250 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 1AED INA181A2IDBVT.B Active Production SOT-23 (DBV) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1AED INA181A2IDCKR Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1PE INA181A2IDCKR.B Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1PE INA181A3IDBVR Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 1AFD INA181A3IDBVR.B Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 1AFD INA181A3IDBVT Active Production SOT-23 (DBV) | 6 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 1AFD INA181A3IDBVT.B Active Production SOT-23 (DBV) | 6 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 1AFD INA181A3IDCKR Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1PF INA181A3IDCKR.B Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1PF INA181A4IDBVR Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 1AGD INA181A4IDBVR.B Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1AGD INA181A4IDBVT Obsolete Production SOT-23 (DBV) | 6 - - Call TI Call TI -40 to 125 1AGD INA181A4IDCKR Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1PG INA181A4IDCKR.B Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1PG INA2181A1IDGSR Active Production VSSOP (DGS) | 10 2500 | LARGE T&R Yes NIPDAUAG | SN Level-2-260C-1 YEAR -40 to 125 1CW6 INA2181A1IDGSR.B Active Production VSSOP (DGS) | 10 2500 | LARGE T&R Yes SN Level-2-260C-1 YEAR -40 to 125 1CW6 INA2181A1IDGST Last Time Buy Production VSSOP (DGS) | 10 250 | SMALL T&R Yes NIPDAUAG | SN Level-2-260C-1 YEAR -40 to 125 1CW6 INA2181A1IDSQR Active Production WSON (DSQ) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 25IY INA2181A1IDSQR.B Active Production WSON (DSQ) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 25IY Addendum-Page 1 |