| Moteur de recherche de fiches techniques de composants électroniques |
|
DP83867CS Fiches technique(PDF) 79 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DP83867CS Fiches technique(HTML) 79 Page - Texas Instruments |
|
79 / 129 page ![]() 7.6.36 Viterbi Module Configuration (VTM_CFG) Table 7-46. Viterbi Module Configuration (VTM_CFG), Address 0x0053 BIT BIT NAME DEFAULT DESCRIPTION 15:4 RESERVED 0x205, RO RESERVED 3:0 VTM_IDLE_CHECK_CNT_THR 0x5, RW Viterbi Detector Idle Count Threshold Threshold for consecutive amount of Idle symbols for Viterbi Idle detector to assert Idle Mode. Default value 0x5 is for IPG >= 12. Set this field to 0x4: for IPG < 12. Please verify new register settings through system level tests if this field is changed. 7.6.37 Skew FIFO Status (SKEW_FIFO) Table 7-47. Skew FIFO Status (SKEW_FIFO), Address 0x0055 BIT BIT NAME DEFAULT DESCRIPTION 15:8 RESERVED 0, RO RESERVED 7:4 CH_B_SKEW 0, RO Skew of RX channel B to align symbols in # of clock cycles. 3:0 CH_A_SKEW 0, RO Skew of RX channel A to align symbols in # of clock cycles. www.ti.com DP83867CS, DP83867IS, DP83867E SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 79 Product Folder Links: DP83867CS DP83867IS DP83867E |