| Moteur de recherche de fiches techniques de composants électroniques |
|
MXTPU12RAM08XPC Fiches technique(PDF) 2 Page - Bulgin Limited. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
MXTPU12RAM08XPC Fiches technique(HTML) 2 Page - Bulgin Limited. All rights reserved. |
|
2 / 7 page ![]() 146 Circular Automation Connectors Buccaneer M12 X Coding Series M12 X Code Rear Panel Mounting Male PXMBNI12RPM08XPCM16 8 pole PCB termination Different panel mounting options available Mates with flex body connectors Part Number Code Termination Mounting Nut PXMBNI12RPM08XPCM16 08 X PCB Terminal M16 Mounting / Gland Nut Thread Poles Code M12 X Code Rear Panel Mounting Female PXMBNI12RPF08XPCM16 8 pole PCB termination Different panel mounting options available Mates with flex inline body connectors Part Number Code Termination Mounting Nut PXMBNI12RPF08XPCM16 08 X PCB Terminal M16 Mounting / Gland Nut Thread Poles Code M12 X Code Rear Panel Mounting Female - RJ45 PXMBNI12RAF08XRJM16 8 pole Solder termination Metal flex body Mates with flex inline body connectors Part Number Code Termination Mounting Nut PXMBNI12RAF08XRJM16 08 X RJ45 M16 Mounting / Gland Nut Thread Poles Code M12 X Code Rear Panel Mounting Female - RJ45 PXMBNI12RPM08XRJM16 8 pole Solder termination Metal flex body Mates with flex inline body connectors Part Number Code Termination Mounting Nut PXMBNI12RPM08XRJM16 08 X RJ45 M16 Mounting / Gland Nut Threa Poles Code |