Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VNHD7012AY Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce VNHD7012AY
Description  H-bridge motor driver for automotive DC motor driving
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNHD7012AY Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button VNHD7012AY Datasheet HTML 17Page - STMicroelectronics VNHD7012AY Datasheet HTML 18Page - STMicroelectronics VNHD7012AY Datasheet HTML 19Page - STMicroelectronics VNHD7012AY Datasheet HTML 20Page - STMicroelectronics VNHD7012AY Datasheet HTML 21Page - STMicroelectronics VNHD7012AY Datasheet HTML 22Page - STMicroelectronics VNHD7012AY Datasheet HTML 23Page - STMicroelectronics VNHD7012AY Datasheet HTML 24Page - STMicroelectronics VNHD7012AY Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
DS11484 Rev 5
21/43
VNHD7012AY
Electrical specifications
42
Figure 9. Input reset time for LSD-fault unlatch
Note:
Multisense_EN=1
Figure 10. OFF-state diagnostic delay time from rising edge of VOUT (tD_VOL)
Note:
Multisense_EN=1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43