Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VNH2SP30TR-E Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce VNH2SP30TR-E
Description  Automotive fully integrated H-bridge motor driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH2SP30TR-E Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button VNH2SP30TR-E Datasheet HTML 27Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 28Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 29Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 30Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 31Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 32Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 33Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 34Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Package information
VNH2SP30-E
32/35
DocID10832 Rev 10
Figure 45. MultiPowerSO-30 suggested pad layout
E1
15.9
16
16.1
e1
F1
5.55
6.05
F2
4.6
5.1
F3
9.6
10.1
L
0.8
1.15
N
10deg
S
0deg
7deg
Table 17. MultiPowerSO-30 mechanical data (continued)
Symbol
Millimeters
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35