Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VNF1048F Fiches technique(PDF) 48 Page - STMicroelectronics

No de pièce VNF1048F
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048F Fiches technique(HTML) 48 Page - STMicroelectronics

Back Button VNF1048F Datasheet HTML 41Page - STMicroelectronics VNF1048F Datasheet HTML 42Page - STMicroelectronics VNF1048F Datasheet HTML 43Page - STMicroelectronics VNF1048F Datasheet HTML 44Page - STMicroelectronics VNF1048F Datasheet HTML 45Page - STMicroelectronics VNF1048F Datasheet HTML 46Page - STMicroelectronics VNF1048F Datasheet HTML 47Page - STMicroelectronics VNF1048F Datasheet HTML 48Page - STMicroelectronics VNF1048F Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 49 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 2
Figure 2.
Device pin connection diagram (top through view - not in scale) .................................. 2
Figure 3.
NTC bridge ..................................................................... 12
Figure 4.
eFuse I2-t typical curve (VOC_thrs minimum - VHSC_thrs maximum) ............................. 15
Figure 5.
eFuse I2-t typical curve (generic thresholds) ............................................... 15
Figure 6.
Current sense self-test flow sequence ................................................... 17
Figure 7.
VDS monitor self-test flow sequence .................................................... 18
Figure 8.
External FET stuck-on self-test - flow sequence for entry ...................................... 19
Figure 9.
SPI functional diagram.............................................................. 22
Figure 10.
SPI write operation ................................................................ 24
Figure 11.
SPI read operation ................................................................ 25
Figure 12.
SPI read and clear operation ......................................................... 25
Figure 13.
SPI read device information .......................................................... 26
Figure 14.
Timeout watchdog................................................................. 36
Figure 15.
State diagram.................................................................... 37
Figure 16.
Application diagram................................................................ 40
Figure 17.
QFN32L Epad (5.0x5.0x1.0 mm) package outline ........................................... 41
VNF1048F
List of figures
DS13084 - Rev 8
page 48/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49