Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7569BLVPD Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce TDA7569BLVPD
Description  4 x 50 W power amplifier with full I2C diagnostics, high efficiency and low voltage operation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7569BLVPD Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button TDA7569BLVPD Datasheet HTML 26Page - STMicroelectronics TDA7569BLVPD Datasheet HTML 27Page - STMicroelectronics TDA7569BLVPD Datasheet HTML 28Page - STMicroelectronics TDA7569BLVPD Datasheet HTML 29Page - STMicroelectronics TDA7569BLVPD Datasheet HTML 30Page - STMicroelectronics TDA7569BLVPD Datasheet HTML 31Page - STMicroelectronics TDA7569BLVPD Datasheet HTML 32Page - STMicroelectronics TDA7569BLVPD Datasheet HTML 33Page - STMicroelectronics TDA7569BLVPD Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
Software specifications
TDA7569BLV
30/41
DocID023498 Rev 9
10
Software specifications
All the functions of the TDA7569BLV are activated by I2C interface.
The bit 0 of the "ADDRESS BYTE" defines if the next bytes are write instruction (from μP to
TDA7569BLV) or read instruction (from TDA7569BLV to μP).
Chip address
X = 0 Write to device
X = 1 Read from device
If R/W = 0, the
P sends 2 "Instruction Bytes": IB1 and IB2.
(*) address selector bit, please refer to address selection description on Chapter 9.2.
D7
D0
11011
(*)
(*)
X
D8 Hex
Table 6. IB1
Bit
Instruction decoding bit
D7
Supply transition mute threshold high (D7 = 1)
Supply transition mute threshold low (D7 = 0)
D6
Diagnostic enable (D6 = 1)
Diagnostic defeat (D6 = 0)
D5
Offset Detection enable (D5 = 1)
Offset Detection defeat (D5 = 0)
D4
Front Channel (CH1, CH3)
Gain = 26 dB (D4 = 0)
Gain = 16 dB (D4 = 1)
D3
Rear Channel (CH2, CH4)
Gain = 26 dB (D3 = 0)
Gain = 16 dB (D3 = 1)
D2
Mute front channels (D2 = 0)
Unmute front channels (D2 = 1)
D1
Mute rear channels (D1 = 0)
Unmute rear channels (D1 = 1)
D0
CD 2% (D0 = 0)
CD 10% (D0 = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41