Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1SFA619100R1016 Fiches technique(PDF) 2 Page - ABB

No de pièce 1SFA619100R1016
Description  Pilot devices The core offering
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

1SFA619100R1016 Fiches technique(HTML) 2 Page - ABB

  1SFA619100R1016 Datasheet HTML 1Page - ABB 1SFA619100R1016 Datasheet HTML 2Page - ABB 1SFA619100R1016 Datasheet HTML 3Page - ABB 1SFA619100R1016 Datasheet HTML 4Page - ABB 1SFA619100R1016 Datasheet HTML 5Page - ABB 1SFA619100R1016 Datasheet HTML 6Page - ABB 1SFA619100R1016 Datasheet HTML 7Page - ABB 1SFA619100R1016 Datasheet HTML 8Page - ABB 1SFA619100R1016 Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2 | 1SFC151006C0201 | Pilot devices core offering catalog
ABB pilot devices
How we are helping the industry
High reliability
"ABB's pilot devices are never failing, regardless of environment.
That is 100% reliability."
Easy to install
"Thanks to ABB's pilot devices we can easily make customer specific
changes in the last minute."
Global availability
"Thanks to ABB we have shorted our customer response time from 2
months to 1 day."
Water and dust proof according to IP67
Our IP67 classed pilot devices can sustain
the pressure of submersion to one meter
during 30 min.
Tough and robust according to IP69K
Our IP69K classed pilot devices can
withstand intensive cleaning and rough
treatment and are perfect for outdoor
installations.
Secured reliability with wiping action
All our contacts have built-in wiping action
that cleans the contact every time it is being
used.
Duztech, OEM, Sweden
EA Elautomation, panel builder, Sweden and
Lithuania
LED controls, distributor, United Kingdom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24