| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L151VDT7 Fiches technique(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151VDT7 Fiches technique(HTML) 54 Page - STMicroelectronics |
|
54 / 154 page ![]() PE7 - - - - - - - - - - D4/DA4 TIMx_IC4 EVENT OUT PE8 - - - - - - - - - - D5/DA5 TIMx_IC1 EVENT OUT PE9 - TIM2_CH1_ETR - - - - - - - - D6/DA6 TIMx_IC2 EVENT OUT PE10 - TIM2_CH2 - - - - - - - - D7/DA7 TIMx_IC3 EVENT OUT PE11 - TIM2_CH3 - - - - - - - - D8/DA8 TIMx_IC4 EVENT OUT PE12 - TIM2_CH4 - - - SPI1_NSS - - - - D9/DA9 TIMx_IC1 EVENT OUT PE13 - - - - - SPI1_SCK - - - - D10/DA10 TIMx_IC2 EVENT OUT PE14 - - - - - SPI1_MISO - - - - D11/DA11 TIMx_IC3 EVENT OUT PE15 - - - - - SPI1_MOSI - - - - D12/DA12 TIMx_IC4 EVENT OUT PF0 - - - - - - - - - - A0 - EVENT OUT PF1 - - - - - - - - - - A1 - EVENT OUT PF2 - - - - - - - - - - A2 - EVENT OUT PF3 - - - - - - - - - - A3 - EVENT OUT PF4 - - - - - - - - - - A4 - EVENT OUT PF5 - - - - - - - - - - A5 - EVENT OUT Table 9. Alternate function input/output (continued) Port name Digital alternate function number AFIO0 AFIO1 AFIO2 AFIO3 AFIO4 AFIO5 AFIO6 AFIO7 AFIO8 .. AFIO11 AFIO12 .. AFIO14 AFIO15 Alternate function SYSTEM TIM2 TIM3/4/5 TIM9/ 10/11 I2C1/2 SPI1/2 SPI3 USART1/2/3 UART4/5 LCD FSMC/ SDIO CPRI SYSTEM |