Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L151VDH6 Fiches technique(PDF) 89 Page - STMicroelectronics

No de pièce STM32L151VDH6
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151VDH6 Fiches technique(HTML) 89 Page - STMicroelectronics

Back Button STM32L151VDH6 Datasheet HTML 85Page - STMicroelectronics STM32L151VDH6 Datasheet HTML 86Page - STMicroelectronics STM32L151VDH6 Datasheet HTML 87Page - STMicroelectronics STM32L151VDH6 Datasheet HTML 88Page - STMicroelectronics STM32L151VDH6 Datasheet HTML 89Page - STMicroelectronics STM32L151VDH6 Datasheet HTML 90Page - STMicroelectronics STM32L151VDH6 Datasheet HTML 91Page - STMicroelectronics STM32L151VDH6 Datasheet HTML 92Page - STMicroelectronics STM32L151VDH6 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 154 page
background image
DocID022027 Rev 11
89/154
STM32L151xD STM32L152xD
Electrical characteristics
129
6.3.10
FSMC characteristics
Asynchronous waveforms and timings
Figure 18 through Figure 21 represent asynchronous waveforms and Table 37 through
Table 40 provide the corresponding timings. The results shown in these tables are obtained
with the following FSMC configuration:
•
AddressSetupTime = 0 (AddressSetupTime = 1, for asynchronous multiplexed modes)
•
AddressHoldTime = 1
•
DataSetupTime = 1
Figure 18. Asynchronous non-multiplexed SRAM/PSRAM/NOR read waveforms
1. Mode 2/B, C and D only. In Mode 1, FSMC_NADV is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More