Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTS2-10B Fiches technique(PDF) 6 Page - ABB

No de pièce MTS2-10B
Description  Pilot devices The core offering
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

MTS2-10B Fiches technique(HTML) 6 Page - ABB

Back Button MTS2-10B Datasheet HTML 2Page - ABB MTS2-10B Datasheet HTML 3Page - ABB MTS2-10B Datasheet HTML 4Page - ABB MTS2-10B Datasheet HTML 5Page - ABB MTS2-10B Datasheet HTML 6Page - ABB MTS2-10B Datasheet HTML 7Page - ABB MTS2-10B Datasheet HTML 8Page - ABB MTS2-10B Datasheet HTML 9Page - ABB MTS2-10B Datasheet HTML 10Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6 | 1SFC151006C0201 | Pilot devices core offering catalog
Modular range
Introduction
Contact block
Single pole with making or
breaking contact.
Locking nut
Operator
Buttons, lenses and handles
in several colors. Illuminated
and non-illuminated.
Bezels
Pushbuttons and selector
switches with bezel in black
plastic, chrome plastic or chrome
metal available.
Holder
Available either for three or five
blocks in one single row. Additional
blocks can be stacked on holder for
three blocks.
The modular range is our most versatile range of operators with high level of flexibility
and market leading electrical ratings. The perfect solution for almost every application.
High
reliability
Easy to
install
– High electrical rating
– Wiping action to keep good connectivity even in tough
environments
– IP66 / Type 1, 3R, 4, 4X, 12, 13
– Tool-free installation with snap-on contact blocks
– Easy to do last-minute changes of both front and contacts
– Up to 6 contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24