| Moteur de recherche de fiches techniques de composants électroniques |
|
INA214AIRSWT Fiches technique(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
INA214AIRSWT Fiches technique(HTML) 21 Page - Texas Instruments |
|
21 / 50 page ![]() 7.2.1.3 Application Curve An example output response of a unidirectional configuration is shown in Figure 7-2. With the REF pin connected directly to ground, the output voltage is biased to this zero output level. The output rises above the reference voltage for positive differential input signals but cannot fall below the reference voltage for negative differential input signals because of the grounded reference voltage. Time (500 µs /div) Output VREF C001 0V Figure 7-2. Unidirectional Application Output Response www.ti.com INA210, INA211, INA212, INA213, INA214, INA215 SBOS437K – MAY 2008 – REVISED NOVEMBER 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 21 Product Folder Links: INA210 INA211 INA212 INA213 INA214 INA215 |