Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISO7720DWVR Fiches technique(PDF) 41 Page - Texas Instruments

No de pièce ISO7720DWVR
Description  ISO772x High-Speed, Robust EMC, Reinforced and Basic Dual-Channel Digital Isolators
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7720DWVR Fiches technique(HTML) 41 Page - Texas Instruments

Back Button ISO7720DWVR Datasheet HTML 37Page - Texas Instruments ISO7720DWVR Datasheet HTML 38Page - Texas Instruments ISO7720DWVR Datasheet HTML 39Page - Texas Instruments ISO7720DWVR Datasheet HTML 40Page - Texas Instruments ISO7720DWVR Datasheet HTML 41Page - Texas Instruments ISO7720DWVR Datasheet HTML 42Page - Texas Instruments ISO7720DWVR Datasheet HTML 43Page - Texas Instruments ISO7720DWVR Datasheet HTML 44Page - Texas Instruments ISO7720DWVR Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
15-Oct-2025
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
ISO7721FDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
ISO7721FDRG4
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
ISO7721FDRG4
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
ISO7721FDWR
SOIC
DW
16
2000
330.0
16.4
10.75
10.7
2.7
12.0
16.0
Q1
ISO7721FDWVR
SOIC
DWV
8
1000
330.0
16.4
12.15
6.2
3.05
16.0
16.0
Q1
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51