| Moteur de recherche de fiches techniques de composants électroniques |
|
ISO7140FCCDBQ Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO7140FCCDBQ Fiches technique(HTML) 3 Page - Texas Instruments |
|
3 / 36 page ![]() ISO7131CC, ISO7140CC, ISO7140FCC, ISO7141CC, ISO7141FCC www.ti.com SLLSE83F – APRIL 2013 – REVISED JANUARY 2015 Changes from Revision B (June 2013) to Revision C Page • Changed Feature From: ISO7140: TBD at 1 Mbps, TBD at 25 Mbps To: ISO7140: 1 mA at 1 Mbps, 2.3 mA at 25 Mbps.. 1 • Added text to the Description: "All inputs are 5V tolerant when supplied from a 2.7V or 3.3V supply." ................................ 1 • Deleted the Product Status table............................................................................................................................................ 1 • Changed the SAFETY and REGULATORY APPROVALS .................................................................................................... 1 • Changed the ABSOLUTE MAXIMUM RATINGS table .......................................................................................................... 5 • Changed the SWITCHING CHARACTERISTICS table, Input glitch rejection time. .............................................................. 7 • Changed the SWITCHING CHARACTERISTICS table, Input glitch rejection time. ............................................................. 8 • Changed the SWITCHING CHARACTERISTICS table, Input glitch rejection time. ............................................................. 8 • Changed ISO7140 in the SUPPLY CURRENT table From: TBD To: values......................................................................... 9 • Changed ISO7140 in the SUPPLY CURRENT table From: TBD To: values....................................................................... 10 • Changed ISO7140 in the SUPPLY CURRENT table From: TBD To: values....................................................................... 11 • Changed Figure 1 X-axis scale ............................................................................................................................................ 12 • Changed the AVAILABLE OPTIONS table........................................................................................................................... 17 Changes from Revision A (June 2013) to Revision B Page • Changed device ISO7141CC From: Product Preview To: Released in the Product Status table ......................................... 1 Changes from Original (April 2013) to Revision A Page • Changed the Simplified Schematic, added ground symbols .................................................................................................. 1 • Changed the SWITCHING CHARACTERISTICS table, Input glitch rejection time. Values by device. ................................. 7 • Changed the SWITCHING CHARACTERISTICS table, Input glitch rejection time. Values by device. ................................. 8 • Changed the SWITCHING CHARACTERISTICS table, Input glitch rejection time. Values by device. ................................. 8 • Added Figure 3 ..................................................................................................................................................................... 12 Copyright © 2013–2015, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: ISO7131CC ISO7140CC ISO7140FCC ISO7141CC ISO7141FCC |