| Moteur de recherche de fiches techniques de composants électroniques |
|
ISO7842 Fiches technique(PDF) 34 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO7842 Fiches technique(HTML) 34 Page - Texas Instruments |
|
34 / 39 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 18-Jul-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) ISO7842DW Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7842 ISO7842DW.A Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7842 ISO7842DW.B Active Production SOIC (DW) | 16 40 | TUBE - Call TI Call TI -55 to 125 ISO7842DWR Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7842 ISO7842DWR.A Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7842 ISO7842DWR.B Active Production SOIC (DW) | 16 2000 | LARGE T&R - Call TI Call TI -55 to 125 ISO7842DWRG4 Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7842 ISO7842DWRG4.A Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7842 ISO7842DWRG4.B Active Production SOIC (DW) | 16 2000 | LARGE T&R - Call TI Call TI -55 to 125 ISO7842DWW Active Production SOIC (DWW) | 16 45 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7842 ISO7842DWW.A Active Production SOIC (DWW) | 16 45 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7842 ISO7842DWW.B Active Production SOIC (DWW) | 16 45 | TUBE - Call TI Call TI -55 to 125 ISO7842DWWR Active Production SOIC (DWW) | 16 1000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7842 ISO7842DWWR.A Active Production SOIC (DWW) | 16 1000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7842 ISO7842DWWR.B Active Production SOIC (DWW) | 16 1000 | LARGE T&R - Call TI Call TI -55 to 125 ISO7842FDW Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7842F ISO7842FDW.A Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7842F ISO7842FDW.B Active Production SOIC (DW) | 16 40 | TUBE - Call TI Call TI -55 to 125 ISO7842FDWR Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7842F ISO7842FDWR.A Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7842F ISO7842FDWR.B Active Production SOIC (DW) | 16 2000 | LARGE T&R - Call TI Call TI -55 to 125 ISO7842FDWRG4 Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7842F ISO7842FDWRG4.A Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7842F ISO7842FDWRG4.B Active Production SOIC (DW) | 16 2000 | LARGE T&R - Call TI Call TI -55 to 125 ISO7842FDWW Active Production SOIC (DWW) | 16 45 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7842F ISO7842FDWW.A Active Production SOIC (DWW) | 16 45 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7842F ISO7842FDWW.B Active Production SOIC (DWW) | 16 45 | TUBE - Call TI Call TI -55 to 125 ISO7842FDWWR Active Production SOIC (DWW) | 16 1000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7842F ISO7842FDWWR.A Active Production SOIC (DWW) | 16 1000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7842F Addendum-Page 1 |