| Moteur de recherche de fiches techniques de composants électroniques |
|
ISO7720DR.B Fiches technique(PDF) 38 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO7720DR.B Fiches technique(HTML) 38 Page - Texas Instruments |
|
38 / 51 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 14-Oct-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) ISO7721DR.B Active Production SOIC (D) | 8 2500 | LARGE T&R - Call TI Call TI -55 to 125 ISO7721DRG4 Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 7721 ISO7721DRG4.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 7721 ISO7721DRG4.B Active Production SOIC (D) | 8 2500 | LARGE T&R - Call TI Call TI -55 to 125 ISO7721DWR Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7721 ISO7721DWR.A Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7721 ISO7721DWR.B Active Production SOIC (DW) | 16 2000 | LARGE T&R - Call TI Call TI -55 to 125 ISO7721DWVR Active Production SOIC (DWV) | 8 1000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 7721 ISO7721DWVR.A Active Production SOIC (DWV) | 8 1000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 7721 ISO7721DWVR.B Active Production SOIC (DWV) | 8 1000 | LARGE T&R - Call TI Call TI -55 to 125 ISO7721FBDWR Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7721FB ISO7721FBDWR.A Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7721FB ISO7721FBDWR.B Active Production SOIC (DW) | 16 2000 | LARGE T&R - Call TI Call TI -55 to 125 ISO7721FDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 7721F ISO7721FDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 7721F ISO7721FDR.B Active Production SOIC (D) | 8 2500 | LARGE T&R - Call TI Call TI -55 to 125 ISO7721FDRG4 Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 7721F ISO7721FDRG4.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 7721F ISO7721FDRG4.B Active Production SOIC (D) | 8 2500 | LARGE T&R - Call TI Call TI -55 to 125 ISO7721FDWR Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7721F ISO7721FDWR.A Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7721F ISO7721FDWR.B Active Production SOIC (DW) | 16 2000 | LARGE T&R - Call TI Call TI -55 to 125 ISO7721FDWVR Active Production SOIC (DWV) | 8 1000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 7721F ISO7721FDWVR.A Active Production SOIC (DWV) | 8 1000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 7721F ISO7721FDWVR.B Active Production SOIC (DWV) | 8 1000 | LARGE T&R - Call TI Call TI -55 to 125 ISO7721FSDR.B Active Production SOIC (D) | 8 2500 | LARGE T&R - Call TI Call TI -55 to 125 (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. Addendum-Page 2 |