| Moteur de recherche de fiches techniques de composants électroniques |
|
ISO7840 Fiches technique(PDF) 32 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO7840 Fiches technique(HTML) 32 Page - Texas Instruments |
|
32 / 37 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 18-Jul-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) ISO7840DW Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7840 ISO7840DW.A Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7840 ISO7840DW.B Active Production SOIC (DW) | 16 40 | TUBE - Call TI Call TI -55 to 125 ISO7840DWR Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7840 ISO7840DWR.A Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7840 ISO7840DWR.B Active Production SOIC (DW) | 16 2000 | LARGE T&R - Call TI Call TI -55 to 125 ISO7840DWW Active Production SOIC (DWW) | 16 45 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7840 ISO7840DWW.A Active Production SOIC (DWW) | 16 45 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7840 ISO7840DWW.B Active Production SOIC (DWW) | 16 45 | TUBE - Call TI Call TI -55 to 125 ISO7840DWWR Active Production SOIC (DWW) | 16 1000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7840 ISO7840DWWR.A Active Production SOIC (DWW) | 16 1000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7840 ISO7840DWWR.B Active Production SOIC (DWW) | 16 1000 | LARGE T&R - Call TI Call TI -55 to 125 ISO7840FDW Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7840F ISO7840FDW.A Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7840F ISO7840FDW.B Active Production SOIC (DW) | 16 40 | TUBE - Call TI Call TI -55 to 125 ISO7840FDWR Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7840F ISO7840FDWR.A Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7840F ISO7840FDWR.B Active Production SOIC (DW) | 16 2000 | LARGE T&R - Call TI Call TI -55 to 125 ISO7840FDWRG4 Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7840F ISO7840FDWRG4.A Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7840F ISO7840FDWRG4.B Active Production SOIC (DW) | 16 2000 | LARGE T&R - Call TI Call TI -55 to 125 ISO7840FDWW Active Production SOIC (DWW) | 16 45 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7840F ISO7840FDWW.A Active Production SOIC (DWW) | 16 45 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7840F ISO7840FDWW.B Active Production SOIC (DWW) | 16 45 | TUBE - Call TI Call TI -55 to 125 ISO7840FDWWR Active Production SOIC (DWW) | 16 1000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7840F ISO7840FDWWR.A Active Production SOIC (DWW) | 16 1000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7840F ISO7840FDWWR.B Active Production SOIC (DWW) | 16 1000 | LARGE T&R - Call TI Call TI -55 to 125 (1) Status: For more details on status, see our product life cycle. Addendum-Page 1 |