| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L151RDT7 Fiches technique(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151RDT7 Fiches technique(HTML) 44 Page - STMicroelectronics |
|
44 / 154 page ![]() Pin descriptions STM32L151xD STM32L152xD 44/154 DocID022027 Rev 11 61 - - - - VSS_7 S- VSS_7 -- 62 - - - - VDD_7 S- VDD_7 -- 63 L8 41 - - PE10 I/O TC PE10 TIM2_CH2/FSMC_D7 ADC_IN25/ COMP1_INP 64 M9 42 - - PE11 I/O FT PE11 TIM2_CH3/FSMC_D8 - 65 L9 43 - - PE12 I/O FT PE12 TIM2_CH4/SPI1_NSS /FSMC_D9 - 66 M10 44 - - PE13 I/O FT PE13 SPI1_SCK/FSMC_D10 - 67 M11 45 - - PE14 I/O FT PE14 SPI1_MISO/FSMC_D11 - 68 M12 46 - - PE15 I/O FT PE15 SPI1_MOSI/FSMC_D12 - 69 L10 47 29 G3 PB10 I/O FT PB10 TIM2_CH3/I2C2_SCL/ USART3_TX/ LCD_SEG10 - 70 L11 48 30 F3 PB11 I/O FT PB11 TIM2_CH4/ I2C2_SDA/ USART3_RX/ LCD_SEG11 - 71 F124931 H2 VSS_1 S- VSS_1 -- 72 G12 50 32 H1 VDD_1 S- VDD_1 -- 73 L12 51 33 G2 PB12 I/O FT PB12 TIM10_CH1/I2C2_SMBA/ SPI2_NSS/ I2S2_WS/ USART3_CK/ LCD_SEG12 ADC_IN18/ COMP1_INP 74 K12 52 34 G1 PB13 I/O FT PB13 TIM9_CH1/SPI2_SCK/ I2S2_CK/ USART3_CTS/ LCD_SEG13 ADC_IN19/ COMP1_INP 75 K11 53 35 F2 PB14 I/O FT PB14 TIM9_CH2/SPI2_MISO/ USART3_RTS/ LCD_SEG14 ADC_IN20/ COMP1_INP 76 K10 54 36 F1 PB15 I/O FT PB15 TIM11_CH1/SPI2_MOSI/ I2S2_SD/ LCD_SEG15 ADC_IN21/ COMP1_INP/ RTC_REFIN 77 K9 55 - - PD8 I/O FT PD8 USART3_TX/LCD_SEG28/ FSMC_D13 - 78 K8 56 - - PD9 I/O FT PD9 USART3_RX/LCD_SEG29/ FSMC_D14 - Table 8. STM32L151xD and STM32L152xD pin definitions (continued) Pins Pin name Main function(2) (after reset) Pin functions Alternate functions Additional functions |