Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L151XD Fiches technique(PDF) 47 Page - STMicroelectronics

No de pièce STM32L151XD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151XD Fiches technique(HTML) 47 Page - STMicroelectronics

Back Button STM32L151XD Datasheet HTML 43Page - STMicroelectronics STM32L151XD Datasheet HTML 44Page - STMicroelectronics STM32L151XD Datasheet HTML 45Page - STMicroelectronics STM32L151XD Datasheet HTML 46Page - STMicroelectronics STM32L151XD Datasheet HTML 47Page - STMicroelectronics STM32L151XD Datasheet HTML 48Page - STMicroelectronics STM32L151XD Datasheet HTML 49Page - STMicroelectronics STM32L151XD Datasheet HTML 50Page - STMicroelectronics STM32L151XD Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 154 page
background image
DocID022027 Rev 11
47/154
STM32L151xD STM32L152xD
Pin descriptions
57
115
B9
82
-
-
PD1
I/O
FT
PD1
SPI2_SCK/I2S2_CK
/FSMC_D3
-
116
C8
83 54 A3
PD2
I/O
FT
PD2
TIM3_ETR/
UART5_RX/LCD_SEG31/
LCD_SEG43/LCD_COM7/
SDIO_CMD
-
117
B8
84
-
-
PD3
I/O
FT
PD3
SPI2_MISO/USART2_CTS/
FSMC_CLK
-
118
B7
85
-
-
PD4
I/O
FT
PD4
SPI2_MOSI/I2S2_SD/
USART2_RTS/
FSMC_NOE
-
119
A6
86
-
-
PD5
I/O
FT
PD5
USART2_TX/FSMC_NWE
-
120
F7
-
-
-
VSS_10
S-
VSS_10
--
121 G7
-
-
-
VDD_10
S-
VDD_10
--
122
B6
87
-
-
PD6
I/O
FT
PD6
USART2_RX
/FSMC_NWAIT
-
123
A5
88
-
-
PD7
I/O
FT
PD7
TIM9_CH2/USART2_CK
/FSMC_NE1
-
124 D9
-
-
-
PG9
I/O
FT
PG9
FSMC_NE2
-
125 D8
-
-
-
PG10
I/O
FT
PG10
FSMC_NE3
-
126
-
-
-
-
PG11
I/O
FT
PG11
-
-
127 D7
-
-
-
PG12
I/O
FT
PG12
FSMC_NE4
-
128 C7
-
-
-
PG13
I/O
FT
PG13
FSMC_A24
-
129 C6
-
-
-
PG14
I/O
FT
PG14
FSMC_A25
-
130
-
-
-
-
VSS_11
S-
VSS_11
--
131
-
-
-
-
VDD_11
S-
VDD_11
--
132
-
-
-
-
PG15
I/O
FT
PG15
-
-
133
A8
89 55 A4
PB3
I/O
FT
JTDO
TIM2_CH2/SPI1_SCK/
SPI3_SCK/ I2S3_CK/
LCD_SEG7/JTDO
COMP2_INM
134
A7
90 56 B4
PB4
I/O
FT
NJTRST
TIM3_CH1/SPI1_MISO/
SPI3_MISO/
LCD_SEG8/NJTRST
COMP2_INP
Table 8. STM32L151xD and STM32L152xD pin definitions (continued)
Pins
Pin name
Main
function(2)
(after reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More