Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

INA209 Fiches technique(PDF) 33 Page - Texas Instruments

No de pièce INA209
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

INA209 Fiches technique(HTML) 33 Page - Texas Instruments

Back Button INA209 Datasheet HTML 29Page - Texas Instruments INA209 Datasheet HTML 30Page - Texas Instruments INA209 Datasheet HTML 31Page - Texas Instruments INA209 Datasheet HTML 32Page - Texas Instruments INA209 Datasheet HTML 33Page - Texas Instruments INA209 Datasheet HTML 34Page - Texas Instruments INA209 Datasheet HTML 35Page - Texas Instruments INA209 Datasheet HTML 36Page - Texas Instruments INA209 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
7.6.2.14 Shunt-Voltage Sum Register (address = 0Dh) [reset = 00h]
This register contains the sum of the single conversion shunt voltages of the selected channels based on the
summation control bits 12, 13, and 14 in the Mask/Enable register.
This register is updated with the most recent sum following each complete cycle of all selected channels. The
Shunt-Voltage Sum register LSB value is 40µV.
Table 7-31. Shunt-Voltage Sum Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SIGN
SV13
SV12
SV11
SV10
SV9
SV8
SV7
SV6
SV5
SV4
SV3
SV2
SV1
SV0
—
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 7-32. Shunt-Voltage Sum Register Field Descriptions
Bit
Field
Type
Reset
Description
15
SIGN
R
0h
Sign bit.
0 = positive number
1 = negative number in twos complement format
14-1
SV13-0
R
0h
Shunt-voltage sum data bits
0
Reserved
R
0h
Reserved
7.6.2.15 Shunt-Voltage Sum-Limit Register (address = 0Eh) [reset = 7FFEh]
This register contains the value that is compared to the Shunt-Voltage Sum register value following each
completed cycle of all selected channels to detect for system overcurrent events. The Shunt-Voltage Sum-Limit
register LSB value is 40µV.
Table 7-33. Shunt-Voltage Sum-Limit Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SIGN
SVL13 SVL12 SVL11 SVL10
SVL9
SVL8
SVL7
SVL6
SVL5
SVL4
SVL3
SVL2
SVL1
SVL0
—
RW-0
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 7-34. Shunt-Voltage Sum-Limit Register Field Descriptions
Bit
Field
Type
Reset
Description
15
SIGN
R
0h
Sign bit.
0 = positive number
1 = negative number in twos complement format
14-1
SVL13-0
R
0h
Shunt-voltage sum-limit data bits
0
Reserved
R
0h
Reserved
www.ti.com
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com