Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DST-SW-TON Fiches technique(PDF) 12 Page - Greenlee Communications

No de pièce DST-SW-TON
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GREENLEE [Greenlee Communications]
Site Internet  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-TON Fiches technique(HTML) 12 Page - Greenlee Communications

Back Button DST-SW-TON Datasheet HTML 8Page - Greenlee Communications DST-SW-TON Datasheet HTML 9Page - Greenlee Communications DST-SW-TON Datasheet HTML 10Page - Greenlee Communications DST-SW-TON Datasheet HTML 11Page - Greenlee Communications DST-SW-TON Datasheet HTML 12Page - Greenlee Communications DST-SW-TON Datasheet HTML 13Page - Greenlee Communications DST-SW-TON Datasheet HTML 14Page - Greenlee Communications DST-SW-TON Datasheet HTML 15Page - Greenlee Communications DST-SW-TON Datasheet HTML 16Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 108 page
background image
288
COMMUNICATIONS
TRUSTED
SINCE
1862
COPPER & DSL TESTING
www.greenlee.com
Throwmaster® Paragon
• Used by construction cable splicers all around the world
• Transfer telephone/broadband services during normal working hours.
• Does not interrupt important customers
• Simple to follow interface and process for successful transfer of circuits
• LED's on the cords aid in telling the user in the cut, transfer and splice
• Compatible with T-1, HDSL, HDSL-2, HDSL-4, ADSL and other services
less than 10Mb/s
• Each step is automatically tested and verifies the circuit is complete at the
end of the transfer
ToneRanger
• Direct buried fault location, it gives an exact location to the fault.
• Locates open shield and open bond faults
• Locates twisted-pair resistance faults in aerial, underground, and direct
buried cable
• Locates splits, opens and bridge taps
• Uses low voltage and does not damage cable, circuit cards, C.O. or
subscriber equipment
• Sends Pair ID tone through wet pulp and saves service outage time on
small count section throws
• Locates open shields and shield to earth faults
• Does not interfere with DSL, IPTV or digital services on adjacent lines
• NEW easy user interface
CAT. NO.
UPC NO. DESCRIPTION
10101-50000
12734
TF1A Kit, ToneRanger Aerial
10101-51000
20206
TF1ABL Kit, ToneRanger Aerial and Buried
10101-51100
20202
TF1AP Kit, ToneRanger Aerial with Pair ID
10101-51200
12733
TF1AB Kit, ToneRanger Aerial with Buried Wand
10101-51300
12732
TF1AL Kit, ToneRanger Aerial with Layup Stick
10101-51400
52019
TF1ABLP Kit, ToneRanger with Aerial, Buried & Pair ID
52042471
–
Transmitter Test Cable
0529-0001
10101-50000
CAT. NO.
UPC NO.
DESCRIPTION
0529-0001
52901
Throwmaster® Paragon 519 Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More