Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AST44 Fiches technique(PDF) 6 Page - nVent Electric plc

No de pièce AST44
Description  Pedestals
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NVENT [nVent Electric plc]
Site Internet  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

AST44 Fiches technique(HTML) 6 Page - nVent Electric plc

  AST44 Datasheet HTML 1Page - nVent Electric plc AST44 Datasheet HTML 2Page - nVent Electric plc AST44 Datasheet HTML 3Page - nVent Electric plc AST44 Datasheet HTML 4Page - nVent Electric plc AST44 Datasheet HTML 5Page - nVent Electric plc AST44 Datasheet HTML 6Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Mounting options Pedestals and Pedestal accessories
PH 763.422.2211
nVent.com/HOFFMAN
HMi (HuMan-MacHine interface)
6
Spec-00485 L
angle adapter
Angle Adapter fits top of pedestal
and provides a fixed tilt of 15
degrees from horizontal for
enclosure mounting. Angle Adapter
is aluminum with large cable
opening and has clear anodized
aluminum finish. Mounting
hardware is included.
Bulletin: p1
Catalog Number
Fits
AAA1544
4 x 4 pedestal
AAA1588
8 x 8 pedestal
Handles
Handles attach to sides, top or bottom of sloped front to provide
maximum operator control when using the suspension system,
swivel or swivel tilt. Location dimples on the sides of sloped fronts
indicate drill-hole location for standard mounting. Handles attach
inside enclosure.
Bulletin: p1
Catalog Number Description
Fits
PUHK
(2) die-cast aluminum handles (9.75 in./248 mm)
PROLINE Sloped-Fronts
PUHKA
(2) tubular steel handles with soft coating (9.75 in./248 mm) PROLINE Sloped-Fronts
pedestal caster Kits
Casters can be used on pedestals in limited applications. They are
attached to the die-cast legs of steel Pedestals. Four dual-wheel
casters replace furnished levelers.
Bulletin: c1, Dec1
Catalog Number
Description
Number
of Casters
Height (in.)
Height (mm)
Wheel
Dia. (in.)
Wheel
Dia. (mm)
Load
Rating Ea. (lb.)
Load
Rating Ea. (kg)
AC4M6SV
Casters, swivel type with brakes
2
3.72
94
3.00
76
210
95
AC4M6ST
Casters, stationary type
2
3.72
94
3.00
76
210
95
Two sets of AC4M6SV and AC4M6ST casters are required.
Height columns show height of caster when installed.
stainless steel legs
Legs mount to the bottom of a solid base to elevate the enclosure 4
in. (100 mm) from the floor. The legs are made of Type 304 stainless
steel and are appropriate for hose-down applications. Mounting
hardware is included.
note: These legs will not fit on the PROLINE G2 Fully-Sealed Plinth
Base.
Bulletin: p20S
Catalog Number
Description
PLEGSS
(4) Stainless Steel Legs



Html Pages

1 2 3 4 5 6