| Moteur de recherche de fiches techniques de composants électroniques |
|
P2GD7 Fiches technique(PDF) 3 Page - nVent Electric plc |
|
|
|||||||||||||||||||||||||||||
P2GD7 Fiches technique(HTML) 3 Page - nVent Electric plc |
|
3 / 6 page ![]() PROLINE G2 ExtERNaL COmPONENts Door Accessories nVent.com/HOFFMAN SUBJECT TO CHANGE WITHOUT NOTICE mOduLaR ENCLOsuRE sOLutIONs 3 Spec-01151 B mECHaNICaL INtERLOCK mechanical Interlock The PROLINE and PROLINE G2 Mechanical Interlock can be actuated by any PROLINE or PROLINE G2 solid or disconnect door in a multiple-bay enclosure system. Up to ten doors, including window doors, can be interlocked. The interlock device engages the door at the center to provide maximum security. The master door can be positioned in any location. Only after the master door is opened can slave doors be opened. The interlock system is modular and easy to assemble; no drilling or layout work is required to install. Brackets, rods and fasteners are heavy gauge steel. Meets interlocking requirements established by General Motors, Ford and Chrysler. Front-to-Back Interlock The Front-to-Back Interlock is used to interlock the rear doors of an enclosure in conjunction with a Master Door Actuator Kit and a Slave Door Kit. When the Master Door Actuator Kit on the front of the enclosure is activated (by a solid or disconnect master door) and the Front-to-Back Kit linkage is in place, the pivot bracket is pulled, which activates the Slave Door Kit to interlock the back doors of the enclosure with the front doors. Bulletin: p20 Catalog Number Description PMLMAK Master Door Activator Kit PMLSK Door Slave Kit PMLEK Extension Kit PMLFB Front-to-Back Kit For Catalog No. PMLMAK, order 1 for master door. For Catalog No. PMLSK, order 1 for each slave door (wIll accommodate single door, window door and overlapping door). tHERmOPLastIC data POCKEt aPPLICatION Provides a convenient place to store wiring diagrams, operation manuals and other documentation inside the enclosure. sPECIFICatIONs • Adhesive-backed pockets mount inside the solid enclosure cover • Mounting hardware included • Thermoplastic pockets are dark gray and have cut-away areas for easy inspection of contents Bulletin: A80Dp Catalog Number Description L mm/in. W mm/in. ADP1 Small Thermoplastic Data Pocket 152 6.0 152 6.0 ADP2 Large Thermoplastic Data Pocket 305 12.0 305 12.0 |