Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DST-SW-DCOM Fiches technique(PDF) 64 Page - Greenlee Communications

No de pièce DST-SW-DCOM
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GREENLEE [Greenlee Communications]
Site Internet  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-DCOM Fiches technique(HTML) 64 Page - Greenlee Communications

Back Button DST-SW-DCOM Datasheet HTML 60Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 61Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 62Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 63Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 64Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 65Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 66Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 67Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 68Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 108 page
background image
www.greenlee.com
340
COMMUNICATIONS
TRUSTED
SINCE
1862
www.greenlee.com
COMMUNICATIONS KITS
• Easy-on, easy off with new quick-release belt clip
• Belt clip swivels so the holster moves with you and the
tools stay out of your way
• Form fitted PVC material ensures that tools don’t fall out -
even if you drop your kit or they are upside down
• Molded specifically to hold the following Greenlee Communications Tools:
Data SureStrip® UTP/STP & flat satin phone cutter/stripper, Datacomm
scissors with serrated blades & ergonomic handles, Punchdown tool - either
the ergonomic SurePunch Pro or the original SurePunch PDT®, Mini-
MagLite® or SurePunch Pro detachable LED, and a Sharpie® marker
GripPack Quick-Release Tool Holster
CAT. NO.
DESCRIPTION
PA4940
GripPack Quick-Release Tool Holster
PA4941
GripPack SurePunch
Pro Technician's Kit
PA4942
GripPack SurePunch
Pro Installer's Kit
PA4943
GripPack SurePunch Technician's Kit
PA4946
GripPack UTP Essentials
PA4940-31
Replacement Belt Clip
Grip Pack Kits
DESCRIPTION
MODEL
PA4941
PA4942
PA4943
PA4946
GripPack Tool Holster
PA4940
✓
✓
✓
Data SureStrip® UTP/STP & flat satin cutter/stripper
PA1116
✓
✓
✓
✓
Reversible 110/66 blade
PA4571
✓
✓
✓
✓
SurePunch Pro PDT punchdown tool handle
PA3589
✓
✓
SurePunch PDT® punchdown tool handle
PA3570
✓
✓
SurePunch Pro detachable LED light & batteries
PA4599
✓
✓
MagLite® with 2 AA batteries
N/A
✓
✓
Black Sharpie® pen
N/A
✓
✓
Pro COAX Tool Kit
CAT. NO.
UPS NO.
DESCRIPTION
46601
01292
Pro COAX Tool Kit
46601 PRO COAX TOOL KIT INCLUDES
0251-08D
8" Diagonal Cutting Pliers, Dipped Grip
45591
RG59/6/6Q, RG7/11 Coaxial Cable Stripper
PA70020
RG59/6/6Q, RG7/11 Coaxial Cable Crimper
0153-42C
6-in-1 Multi-Tool (Screwdriver/Nut Driver Tool)
0354-14
Combo Ratcheting Closed and Open Ended 7/16" Wrench
FL2AAAP
LED Water Resistant Penlight
PA5000
Custom Grip Pack Pouch with Belt Clip
Designed for the professional CATV cable installer. Offers the convenience
in having six essential tools needed for coaxial repair and installation with
a unique Grip Pack Pouch
PA4942
46601



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More