| Moteur de recherche de fiches techniques de composants électroniques |
|
A18SBASE Fiches technique(PDF) 4 Page - nVent Electric plc |
|
|
|||||||||||||||||||||||||||||
A18SBASE Fiches technique(HTML) 4 Page - nVent Electric plc |
|
4 / 6 page ![]() Mounting options Pedestals and Pedestal accessories PH 763.422.2211 nVent.com/HOFFMAN HMi (HuMan-MacHine interface) 4 Spec-00485 L stainless steel pedestal Pedestal is 36-in. (914-mm) tall and provides optimal viewing and operating height. Tube is 14 gauge Type 304 one-piece construction. Legs are 7 gauge Type 304 for rigidity. Cable access plate and leg levelers are included. Leg levelers can be removed for anchoring pedestal to floor. Pedestal has smooth vertical brushed finish. Pedestal will accept pedestal accessories that are not stainless steel. These include swivel tilt, swivel and angle adapters. Bulletin: p1S Catalog Number A in./mm Description AP36SS 36.00 914 Stainless steel stainless steel extension Pedestal Extension can be ordered separately to provide additional 6 in. (152 mm) of height for standing position. Extension is 14 gauge Type 304 stainless steel with a smooth brushed finish. Extension will accept pedestal accessories that are not stainless steel. These include swivel tilt, swivel and angle adapters. Bulletin: p1S Catalog Number Description APE6SS Stainless steel |