Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP3367GF-Z Fiches technique(PDF) 25 Page - Monolithic Power Systems

No de pièce MP3367GF-Z
Description  6-Channel, Max.150mA/Ch Boost WLED Driver with 15000:1 Dim Ratio and I²C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MPS [Monolithic Power Systems]
Site Internet  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3367GF-Z Fiches technique(HTML) 25 Page - Monolithic Power Systems

Back Button MP3367GF-Z Datasheet HTML 18Page - Monolithic Power Systems MP3367GF-Z Datasheet HTML 19Page - Monolithic Power Systems MP3367GF-Z Datasheet HTML 20Page - Monolithic Power Systems MP3367GF-Z Datasheet HTML 21Page - Monolithic Power Systems MP3367GF-Z Datasheet HTML 22Page - Monolithic Power Systems MP3367GF-Z Datasheet HTML 23Page - Monolithic Power Systems MP3367GF-Z Datasheet HTML 24Page - Monolithic Power Systems MP3367GF-Z Datasheet HTML 25Page - Monolithic Power Systems MP3367GF-Z Datasheet HTML 26Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
MP3367
– 6-CHANNEL BOOST WLED DRIVER WITH HIGH DIM RATIO AND I2C
MP3367 Rev. 1.0
www.MonolithicPower.com
25
6/17/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
PACKAGE INFORMATION
QFN-24 (4mmx4mm)
PACKAGE OUTLINE DRAWING FOR 24L QFN (4X4mm)
MF-PO-D-0049 revision 2.0
SIDE VIEW
BOTTOM VIEW
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) EXPOSED PADDLE SIZE DOES NOT INCLUDE
MOLD FLASH.
3) LEAD COPLANARITY SHALL BE 0.08
MILLIMETERS MAX.
4) JEDEC REFERENCE IS MO-220
5) DRAWING IS NOT TO SCALE.
PIN 1 ID
MARKING
TOP VIEW
PIN 1 ID
INDEX AREA
RECOMMENDED LAND PATTERN
PIN 1 ID
0.30X45° TYP
0.10x45º



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26