Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JUNOS-SPACE Fiches technique(PDF) 7 Page - Juniper Networks, Inc.

No de pièce JUNOS-SPACE
Description  JUNOS SPACE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JUNIPER [Juniper Networks, Inc.]
Site Internet  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

JUNOS-SPACE Fiches technique(HTML) 7 Page - Juniper Networks, Inc.

  JUNOS-SPACE Datasheet HTML 1Page - Juniper Networks, Inc. JUNOS-SPACE Datasheet HTML 2Page - Juniper Networks, Inc. JUNOS-SPACE Datasheet HTML 3Page - Juniper Networks, Inc. JUNOS-SPACE Datasheet HTML 4Page - Juniper Networks, Inc. JUNOS-SPACE Datasheet HTML 5Page - Juniper Networks, Inc. JUNOS-SPACE Datasheet HTML 6Page - Juniper Networks, Inc. JUNOS-SPACE Datasheet HTML 7Page - Juniper Networks, Inc. JUNOS-SPACE Datasheet HTML 8Page - Juniper Networks, Inc. JUNOS-SPACE Datasheet HTML 9Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Features
Feature Description
Benefits
Network operations
Network discovery
and inventory
management
• Network and device discovery
• Near real-time network inventory
• Dedicated socket connection to each device
• Inventory management for automated collection of inventory data from Juniper
devices.
• Inventory views of physical and logical inventory of supported devices, allowing users
to generate reports and track locations, availability, and deployment of hardware and
software
• Automated synchronization between hardware inventory, interface information, and
device configuration of the device
• Multi-target specification (IP address, IP address range, IP subnet, host name
• Supports Fault, Configuration, Accounting, Performance, Security
(FCAPS) network management framework, and provides total
management of network elements
Includes autodiscovery for improved asset management and network
planning
• Enables secure notifications and action for each configuration change
• Detailed view of all hardware inventory (power supplies, chassis cards,
fans, part numbers, etc.) for all managed devices to enable intelligent
cataloging for effective system upgrades and modifications
Topology
• Automated discovery of network topology (devices and interconnections)
• Tools for visualizing the discovered topology
• Tabular view for device-specific details
• Topology view for broad network visibility
• Semantic zooming for fine-grained device view
• Flexible network visualization options for simplifying network
operations
Software image
management
• Centralized device software installation for all managed devices
• Enables device images to be uploaded from local file system, and deployed onto a
device or onto multiple devices of the same device family in a single workflow
• Image verification for accuracy
• Provides the ability to do remote software upgrades and in-service
software upgrades
• Enables automated upgrade planning, scheduling, downloading, and
monitoring of device images
• Reduces errors with the use of a recommended image
Configuration
templates
• Device configuration templates that provide the ability to design and push any
configuration to a device or group of devices
• Schema-driven GUI for template creation to enable granular control
• Entry forms to create template definitions
• Audit log that captures all template deployment operations
• Allows administrators to design, validate, and push configurations to
device or device group
• Enables deployment of common configuration across multiple devices
• Allows operators to manipulate all knobs on a given device
Configuration
editor
• Configuration editor that provides the ability to view, edit, and delete all aspects of a
device’s configuration
• Allows operators to quickly view and modify any portion of a device’s
configuration
Configuration file
management
• Ability to view a given device’s configuration and edit, add, or delete portions of that
configuration
• Schema-driven
• Up-to-date view of device’s configuration
• Ability to view, edit, version control, compare, back up, and restore network
configuration files
• Simplified configuration management to optimize network performance
and health
• Instant visibility into network configuration and performance correlation
• Entry forms to create template definition and bulk modify
configurations
• Administrators able to compare different configuration versions either
for the same or different devices
Junos OS script
management
• Configuration and management of Junos OS automation scripts, including import/
export, view/edit, version control, deploy/delete, and verify script execution
• Centralized management of all Junos OS automation scripts
Full rapid
application
development
framework
• Includes a common infrastructure, a tool kit with core services and user interface
widgets, and integration APIs
• Comprehensive development environment to rapidly create and
monetize applications
• Easy integration into operations support systems (OSS) and data center
ecosystems
• Ability to create mashups for market-specific solutions
Junos Space Datasheet
7



Html Pages

1 2 3 4 5 6 7 8 9