| Moteur de recherche de fiches techniques de composants électroniques |
|
VNN3NV04 Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VNN3NV04 Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 26 page ![]() VNN3NV04, VNS3NV04, VND3NV04, VND3NV04-1 Block diagram and pin description Doc ID 7382 Rev 4 5/26 1 Block diagram and pin description Figure 1. Block diagram Figure 2. Configuration diagram (top view) 1. For the pins configuration related to SOT-223, DPAK, IPAK see outlines at page 1. Overvoltage Gate Linear DRAIN SOURCE Clamp 1 2 3 Current Limiter Control Over Temperature INPUT FC01000 SO-8 Package(1) DRAIN DRAIN DRAIN DRAIN INPUT SOURCE SOURCE SOURCE 1 4 5 8 |